Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B75FF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M38B75FF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B75FF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M38B75FF Datasheet HTML 17Page - Renesas Technology Corp M38B75FF Datasheet HTML 18Page - Renesas Technology Corp M38B75FF Datasheet HTML 19Page - Renesas Technology Corp M38B75FF Datasheet HTML 20Page - Renesas Technology Corp M38B75FF Datasheet HTML 21Page - Renesas Technology Corp M38B75FF Datasheet HTML 22Page - Renesas Technology Corp M38B75FF Datasheet HTML 23Page - Renesas Technology Corp M38B75FF Datasheet HTML 24Page - Renesas Technology Corp M38B75FF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
20
INTERRUPTS
Interrupts occur by twenty two sources: five external, sixteen inter-
nal, and one software.
Interrupt Control
Each interrupt except the BRK instruction interrupt has both an inter-
rupt request bit and an interrupt enable bit, and is controlled by the
interrupt disable flag. An interrupt occurs if the corresponding inter-
rupt request and enable bits are “1” and the interrupt disable flag is
“0.” Interrupt enable bits can be set or cleared by software. Interrupt
request bits can be cleared by software, but cannot be set by soft-
ware. The BRK instruction interrupt and reset cannot be disabled
with any flag or bit. The I flag disables all interrupts except the BRK
instruction interrupt and reset. If several interrupts requests occur at
the same time, the interrupt with highest priority is accepted first.
Interrupt Operation
Upon acceptance of an interrupt the following operations are auto-
matically performed:
1. The contents of the program counter and processor status
register are automatically pushed onto the stack.
2. The interrupt disable flag is set and the corresponding
interrupt request bit is cleared.
3. The interrupt jump destination address is read from the vector
table into the program counter.
Interrupt Source Selection
Any of the following interrupt sources can be selected by the inter-
rupt source switch register (address 003916).
1. INT1 or Serial I/O3
2. INT3 or Serial I/O2 transmit
3. INT4 or A-D conversion
sNote
When the active edge of an external interrupt (INT0–INT4) is set or
when switching interrupt sources in the same vector address, the
corresponding interrupt request bit may also be set. Therefore, please
take following sequence:
(1) Disable the external interrupt which is selected.
(2) Change the active edge in interrupt edge selection register
(3) Clear the set interrupt request bit to “0.”
(4) Enable the external interrupt which is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com