Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0119A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 9Page - STMicroelectronics STV0119A Datasheet HTML 10Page - STMicroelectronics STV0119A Datasheet HTML 11Page - STMicroelectronics STV0119A Datasheet HTML 12Page - STMicroelectronics STV0119A Datasheet HTML 13Page - STMicroelectronics STV0119A Datasheet HTML 14Page - STMicroelectronics STV0119A Datasheet HTML 15Page - STMicroelectronics STV0119A Datasheet HTML 16Page - STMicroelectronics STV0119A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
HSYNC
(in)
VSYNC
(in)
CKREF
YCRCB
Cb
Y
Cr
Y’
Cb
Active Edge (programmable polarity)
Active Edge (programmable polarity)
Notes : 1. This figure is valid for bits “syncin_ad[1:0]” = default.
2. The active edges of HSYNC and VSYNC should normally be simultaneous. It is permissible that HSYNC transitions before
VSYNC, but VSYNC must not transition before HSYNC.
Figure 12 : HSYNC + VSYNC Based Slave Mode Sync Signals
ODDEVEN
(in)
CKREF
YCRCB
Cb
Y
Cr
Y’
Cb
Active Edge (programmable polarity)
Note :
1. This figure is valid for bits “syncin_ad[1:0]” = default.
Figure 13 : ODDEVEN Based Slave Mode Sync Signals
IV - FUNCTIONAL DESCRIPTION (continued)
IV.5.2- Synchronization onto a Frame Sync Signal
IV.5.2.1- ODDEVEN-only Based Synchronization
Synchronization is performed on a frame-by-frame
basis by locking onto an incoming ODDEVEN sig-
nal. A line sync signal is derived internally and is
also output as HSYNC. Refer to Figure 13 for
waveforms and timings. The phase relationship
between ODDEVEN and the incoming YCrCB data
is normally such that the first clock rising edge
following the ODDEVEN active edge samples ”Cb”
(i.e. a ‘blue’ chroma sample within the YCrCb
stream). It is however possible to internally delay
the incoming ODDEVEN signal by up to 3 clock
cycles to cope with different data/sync phasings,
using configuration bits ”Syncin_ad” (Reg. 4).
The first active edge of ODDEVEN triggers genera-
tion of the analog sync signals and encoding of the
incomingvideo data. Frames being supposed to be
of constant duration, the next ODDEVEN active
transitionis expected at a precise time after the last
ODDEVEN detected.
So, once an active ODDEVEN edge has been
detected, checks that the following ODDEVEN are
present at the expected instants are performed.
Encoding and analog sync generation carry on un-
less three successive fails of these checks occur.
In that case, three behaviors are possible, accord-
ing to the configuration programmed (Reg. 1-2) :
- if ‘free-run’ is enabled, the STV0119A carries on
outputting the digital line sync HSYNC and gene-
rating analog video just as though the expected
ODDEVEN edge had been present. However, it
will re-synchronizeontothe next ODDEVEN active
edge detected, whatever its location.
- if ‘free-run’ is disabled but bit ‘sync_ok’ is set in
configuration register1, the STV0119A sets the
active portion of the TV line to black level but
carries on outputting the analog sync tips (on Ys
and CVBS) and the digital line sync signal
HSYNC. (When programmed, Macrovision
TM
pseudo-sync pulses and AGC pulses are also
present in the analog sync waveform).
- if ‘free-run’ is disabled and the bit ‘sync_ok’ is not
set, all analog video is at black level and neither
analog sync tips nor digital line sync are output.
Note that this mode is a frame-based sync mode,
as opposedto a field-basedsync mode, that is, only
one type of edge (rising or falling, according to bit
‘polv’in Reg 0) is of interest to the STV0119A, the
other one is ignored.
STV0119A
13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com