| Electronic Components Datasheet Search |
|
M35046-XXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35046-XXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 35 page ![]() MITSUBISHI MICROCOMPUTERS M35046-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 6 (2) Address 12116 Contents Status Function Register DA Remarks P0 output (port P0). Port data is set by PTD0. BLNK0 output. Polarity is set by PTD0. P1 output (port P1). Port data is set by PTD1. R signal output. Polarity is set by PTD1. P2 output (port P2). Port data is set by PTD2. Can not be used. P3 output (port P3). Port data is set by PTD3. G signal output. Polarity is set by PTD3. P4 output (port P4). Port data is set by PTD4. Can not be used. P5 output (port P5). Port data is set by PTD5. B signal output. Polarity is set by PTD5. “L” output (P0 output) or negative polarity output (BLNK0 output). “H” output (P0 output) or positive polarity output (BLNK0 output). “L” output (P1 output) or negative polarity output (R signal output). “H” output (P1 output) or positive polarity output (R signal output). “L” output (P2 output). “H” output (P2 output). “L” output (P3 output) or negative polarity output (G signal output). “H” output (P3 output) or positive polarity output (G signal output). “L” output (P2 output). “H” output (P2 output). “L” output (P5 output) or negative polarity output (B signal output). “H” output (P5 output) or positive polarity output (B signal output). “L” output (P6 output). “H” output (P6 output). “L” output (P7 output). “H” output (P7 output). For details, see (2) Setting display frequencies under Register Supplementary Description. To be used when EXCK0=1 and EXCK1=1. BLNK0 outputs blanking signal. Blanking status is determined by BLK0, BLK1, and DSP0 to DSP11 settings. P0 pin data control. P1 pin data control. P2 pin exclusive port output state con- trol. P3 pin data control. P4 pin exclusive port output state con- trol. P5 pin data control. P6 pin exclusive port output state con- trol. P7 pin exclusive port output state con- trol. Set display frequency area. 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 2 3 4 5 6 7 8 9 A B C D E (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) Note. To determined this register, input clock (at least one clock) to the external clock pin (TCK). PTC0 PTC1 PTC2 PTC3 PTC4 PTC5 PTD0 PTD1 PTD2 PTD3 PTD4 PTD5 PTD6 PTD7 RSEL0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |