Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV6411C036 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VV6411C036
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411C036 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VV6411C036 Datasheet HTML 45Page - STMicroelectronics VV6411C036 Datasheet HTML 46Page - STMicroelectronics VV6411C036 Datasheet HTML 47Page - STMicroelectronics VV6411C036 Datasheet HTML 48Page - STMicroelectronics VV6411C036 Datasheet HTML 49Page - STMicroelectronics VV6411C036 Datasheet HTML 50Page - STMicroelectronics VV6411C036 Datasheet HTML 51Page - STMicroelectronics VV6411C036 Datasheet HTML 52Page - STMicroelectronics VV6411C036 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Version 3.4
49/63
STV0680B + VV6410/6411/6500
VV6410/6411 pinout information and package dimensions
9.2
VV6410/6411 pin description
Name
Pin Number
Type
Description
Power supplies
AVSS
10
GND
Core analogue ground and reference supplies.
SRAMVSS
17
GND
In-column SRAM analogue ground.
VDDcore/
Reg3V3
34
PWR
Digital logic power.
VDDio
33
PWR
Digital pad ring power.
VSScore
22
GND
Digital logic ground.
VSSio
23
GND
Digital pad ring ground.
Analogue signals
VBG
1
OA
Internally generated bandgap reference voltage 1.22V
AIN
4
IA
Analogue input to Audio Amplifier
AOutP
5
OA
Analogue output of Audio Amplifier (positive)
AOutN
6
OA
Analogue output of Audio Amplifier (negative)
VDDHI
9
IA
Incoming power supply 4 -> 6V
VBase
35
OA
Drive for base of external bipolar
Vbus
36
IA
Incoming power supply 3.3 -> 6V
Aud3V3
3
OA
On-chip Audio Amplifier Voltage Regulator Output
Vid3V3
11
OA
On-chip Video Supply Voltage Regulator Output
PORB
13
OD
Power-on Reset (Bar) Output.
Digital video interface
D[4]
D[3]
D[2]
D[1]
D[0]
27
26
25
24
20
ODT
Tri-stateable 5-wire output data bus.
- D[4] is the most significant bit.
- D[4:0] have programmable drive strengths 2, 4 and 6 mA
QCK
32
ODT
Tri-stateable data qualification clock.
LST/D[5]
28
ODT
Tri-stateable Line start output
May be configured as tri-stateable output data bit 5 D[5].
FST/D[6]
29
ODT
Tri-stateable Frame start signal.
May be configured as tri-stateable output data bit 6 D[6].
D[7]
31
ODT
Tri-stateable Data wire (ms data bit).
May be configured as tri-stateable output data bit 6 D[6].
OEB
16
ID
↓
Digital output (tri-state) enable.
Table 20 : VV6410 pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com