Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD26LS31P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD26LS31P
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD26LS31P Datasheet HTML 1Page - Renesas Technology Corp HD26LS31P Datasheet HTML 2Page - Renesas Technology Corp HD26LS31P Datasheet HTML 3Page - Renesas Technology Corp HD26LS31P Datasheet HTML 4Page - Renesas Technology Corp HD26LS31P Datasheet HTML 5Page - Renesas Technology Corp HD26LS31P Datasheet HTML 6Page - Renesas Technology Corp HD26LS31P Datasheet HTML 7Page - Renesas Technology Corp HD26LS31P Datasheet HTML 8Page - Renesas Technology Corp HD26LS31P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 2 of 11
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
1A
GND
1Y
1Z
2Z
8
Enable G
2Y
2A
13
14
15
10
11
12
9
16 VCC
4A
4Y
4Z
Enable G
3Z
3Y
3A
Function Table
Input
Enables
Outputs
AG
G
G
G
G
YZ
HH
X
H
L
LH
X
L
H
HX
L
H
L
L
X
LLH
XL
H
Z
Z
H :
High level
L :
Low level
X :
Irrelevant
Z :
High impedance (Off)
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply Voltage
V
CC
7.0
V
Input Voltage
V
IN
7.0
V
Output Voltage
V
OUT
5.5
V
Power Dissipation
P
T
1W
Storage Temperature Range
Topr
0 to +70
°C
Lead Temperature Range
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Application Terminal
Supply Voltage
V
CC
4.75
5.0
5.25
V
V
CC
Output Current
I
OH
—
—
–40
mA
All Output
Output Current
I
OL
——40
mA
All Output
Operating Temperature
Topr
0
25
70
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com