Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV6500C001 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VV6500C001
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6500C001 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VV6500C001 Datasheet HTML 24Page - STMicroelectronics VV6500C001 Datasheet HTML 25Page - STMicroelectronics VV6500C001 Datasheet HTML 26Page - STMicroelectronics VV6500C001 Datasheet HTML 27Page - STMicroelectronics VV6500C001 Datasheet HTML 28Page - STMicroelectronics VV6500C001 Datasheet HTML 29Page - STMicroelectronics VV6500C001 Datasheet HTML 30Page - STMicroelectronics VV6500C001 Datasheet HTML 31Page - STMicroelectronics VV6500C001 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
Detailed chipset specifications
STV0680B + VV6444/6410/6500
28/63
Version 3.4
6
Detailed chipset specifications
6.1
Typical camera specifications
The following data assumes that the camera has been built according to reference design shown in
Chapter 6
Supply Voltage
4.1-6V (when powered from battery or USB)
Operating Temperature range
0oC - 40oC
Max. RS232 cable length supported
2m
CIF output
352 x 288 pixels
QCIF output
176 x 144 pixels
VGA output (using VV6500)
640 x 480 pixels
QVGA output (using VV6500)
320 x 240 pixels
SDRAM storage and image upload format
Raw Bayer
PC driver output format
Colour RGB bitmap
Table 8 : Typical camera specifications
Note: 1 Dual USB or battery power supply is only possible when the required power switching
hardware is included, as shown in Chapter 6
2 Figures are approximate and depend on actual components sources.
Sensor
Min.
Max
VV6444
8.18
µS39mS
VV6410/6411
8.67
µS44mS
VV6500
7.94
µS66mS
Table 9 : Approximate shutter speeds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com