Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0680B-003 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV0680B-003
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680B-003 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV0680B-003 Datasheet HTML 39Page - STMicroelectronics STV0680B-003 Datasheet HTML 40Page - STMicroelectronics STV0680B-003 Datasheet HTML 41Page - STMicroelectronics STV0680B-003 Datasheet HTML 42Page - STMicroelectronics STV0680B-003 Datasheet HTML 43Page - STMicroelectronics STV0680B-003 Datasheet HTML 44Page - STMicroelectronics STV0680B-003 Datasheet HTML 45Page - STMicroelectronics STV0680B-003 Datasheet HTML 46Page - STMicroelectronics STV0680B-003 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Version 3.4
43/63
STV0680B+ VV6410/6411/6500
STV0680B pinout information and package dimensions
100
DQ0
Input/Output
SDRAM Data Bus
2mA
(SL)
2
DQ15
Input/Output
SDRAM Data Bus
2mA
(SL)
5
DQ14
Input/Output
SDRAM Data Bus
2mA
(SL)
7
DQ13
Input/Output
SDRAM Data Bus
2mA
(SL)
9
DQ12
Input/Output
SDRAM Data Bus
2mA
(SL)
11
DQ11
Input/Output
SDRAM Data Bus
2mA
(SL)
13
DQ10
Input/Output
SDRAM Data bus
2mA
(SL)
15
DQ9
Input/Output
SDRAM Data bus
2mA
(SL)
17
DQ8
Input/Output
SDRAM Data bus
2mA
(SL)
LCD Interface
85
LCDCOM
Output
LCD Common
2mA
(SL)
93
LCD1_6
Output
LCD digit 1 segment G
2mA
(SL)
94
LCD1_5
Output
LCD digit 1 segment F
2mA
(SL)
95
LCD1_4
Output
LCD digit 1 segment E
2mA
(SL)
96
LCD1_3
Output
LCD digit 1 segment D
2mA
(SL)
97
LCD1_2
Output
LCD digit 1 segment C
2mA
(SL)
98
LCD1_1
Output
LCD digit 1 segment B
2mA
(SL)
99
LCD1_0
Output
LCD digit 1 segment A
2mA
(SL)
86
LCD2_6
Output
LCD digit 2 segment G
2mA
(SL)
87
LCD2_5
Output
LCD digit 2 segment F
2mA
(SL)
88
LCD2_4
Output
LCD digit 2segment E
2mA
(SL)
89
LCD2_3
Output
LCD digit 2segment D
2mA
(SL)
Pin no.
Signal
Type
Description
Drive
Table 19 : STV0680B Pin listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com