Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74AC374 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC374
Description  Octal D-Type Flip-Flops with 3-State Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC374 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC374 Datasheet HTML 1Page - Renesas Technology Corp HD74AC374 Datasheet HTML 2Page - Renesas Technology Corp HD74AC374 Datasheet HTML 3Page - Renesas Technology Corp HD74AC374 Datasheet HTML 4Page - Renesas Technology Corp HD74AC374 Datasheet HTML 5Page - Renesas Technology Corp HD74AC374 Datasheet HTML 6Page - Renesas Technology Corp HD74AC374 Datasheet HTML 7Page - Renesas Technology Corp HD74AC374 Datasheet HTML 8Page - Renesas Technology Corp HD74AC374 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00, Jul.16.2004, page 1 of 9
HD74AC374/HD74ACT374
Octal D-Type Flip-Flops with 3-State Output
REJ03D0274–0200Z
(Previous ADE-205-395 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC374/HD74ACT374 is a high-speed, low-power octal D-type flip-flop featuring separate D-type inputs for
each flip-flop and 3-state outputs for bus-oriented applications. A buffered Clock (CP) and Output Enable (
OE) are
common to all flip-flops.
Features
• Buffered Positive Edge-Triggered Clock
• 3-State Outputs for Bus-Oriented Applications
• Outputs Source/Sink 24 mA
• See HD74AC273/HD74ACT273 for Reset Version
• See HD74AC373/HD74ACT373 for Transparent Latch Version
• See HD74AC574/HD74ACT574 for Broadside Pinout Version
• See HD74AC564/HD74ACT564 for Broadside
• Pinout Version with Inverted Outputs
• HD74ACT374 has TTL-Compatible Inputs
• Ordering Information: Ex. HD74AC374
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC374P
DIP-20 pin
DP-20N, -20NEV P
—
HD74AC374FPEL
SOP-20 pin (JEITA)
FP-20DAV
FP
EL (2,000 pcs/reel)
HD74AC374RPEL
SOP-20 pin (JEDEC) FP-20DBV
RP
EL (1,000 pcs/reel)
HD74AC374TELL
TSSOP-20 pin
TTP-20DAV
T
ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.


Similar Part No. - HD74AC374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC374 HITACHI-HD74AC374 Datasheet
63Kb / 11P
Octal D-Type Flip-Flops with 3-State Output
More results

Similar Description - HD74AC374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC374 HITACHI-HD74AC374 Datasheet
63Kb / 11P
Octal D-Type Flip-Flops with 3-State Output
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC564 RENESAS-HD74HC564_15 Datasheet
143Kb / 12P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74LV574A RENESAS-HD74LV574A_15 Datasheet
115Kb / 10P
Octal D-type Flip-Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com