Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2112B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2112B
Description  BUS-CONTROLLED PAL/SECAM TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2112B Datasheet(HTML) 3 Page - STMicroelectronics

  STV2112B Datasheet HTML 1Page - STMicroelectronics STV2112B Datasheet HTML 2Page - STMicroelectronics STV2112B Datasheet HTML 3Page - STMicroelectronics STV2112B Datasheet HTML 4Page - STMicroelectronics STV2112B Datasheet HTML 5Page - STMicroelectronics STV2112B Datasheet HTML 6Page - STMicroelectronics STV2112B Datasheet HTML 7Page - STMicroelectronics STV2112B Datasheet HTML 8Page - STMicroelectronics STV2112B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
FUNCTIONAL DESCRIPTION
1 - DEFLECTION CIRCUIT
Note : [X,Y] : line number referred to the internal
line counter numbering
- Fully integrated synch. separator, with a low pass
filter, a black level alignment of the Y/CVBS input, a
slicing level at 2/3,1/3of the sync. pulse amplitude.
- Frame sync. pulse locked on 2 fH frequency to
perfect interlace.
- 500kHz VCO with an external ceramic resonator.
- Two phase locked loops
• the first PLL locks the VCO on the video signal
frequency,
• the secondPLLcompensatesthe line transistor
storage time.
- Three time constants for the first PLL.
• thelong timeconstantis usedfornormaloperation
• the short time constant is automatically used
during the frame retrace and in search mode of
VCR when the frame pulse is outside [258,264]
and [309,314].
• verylong time constantwhenno video recognition
Time constants in normal operation
(automatic selection of time constants) :
50Hz input signal :
- short time constant : [306, 21]
- long time constant : the rest of the field
• inhibition of the first PLL :
the first locked loop is opened from line 309 to
line 4.5 (or 314) in 50Hz mode.
• the time constantsvalues are chosenby means
of external components.
• possibility to force the short time constant
through the bus.
• possibility to force the very long time constant
through the bus.
- Video identification : coincidence detector be-
tween the line synchro top and a line frequency
window from the first PLL. The video identification
status is available in the output register of the I
2C
bus decoder.
- Generation of burst gate pulses and line fre-
quency signals from the first PLL to drive the
chroma and video circuits. The burst gate pulse
is also sent to the sandcastle generator.
- Frame synchro window :
[248, 352]
catching
- Field frequency selection windows :
[288, 352]
50Hz mode selection window
- frame blanking pulse :
from line 0 to 21 in 50Hz mode
- Vertical output pulse is 10.5 lines long.
- Horizontal output pulse : 28
µs line pulse on an
open collector output;
- Start up circuit : the horizontal output is at a high
level when VCC increases from 0 to 6.8V. On
shutting down, horizontal pulses are disabled
when VCC is below 6.2V.
- Soft-start circuit : the duty cycle of the horizontal
output is 78 % (Thigh/(Thigh + TLow)) when VCC1
is lower than (0.75 x VCC2), during the rising time.
During the falling time, a 78% duty cycle HOUT
pulse is provided when VCC1 is lower than
(0.60 x VCC2).
- Possibility to disable the horizontal output pulse
through the bus (force a high level on HOUT).
- Horizontal position adjustment controlled by bus.
- Bus controlledoutput voltage to adjustthe vertical
amplitude ; this voltagepermitsto adjustthe slope
of the vertical sawtooth generated by the external
frame booster.
- Bus controlled vertical position ; the high level of
the vertical pulse permits to adjust the vertical
position.
- Bus controlled 4/3-16/9 selection : the low level
of the vertical pulse is 0.1V when 16/9 is selected,
2V when 4/3 is selected.
- Combined flyback input and sandcastle output
(Pin 37). Two thresholds on LFB/SCO Pin : The
lowest threshold (0.7V) permits to extract the line
blanking pulse ; the highest threshold (2V) per-
mits to extract the line pulse for PLL2. The sand-
castle signal at Pin 37 is used to control the
external baseband chroma delay line.
2 - FILTERS
- Integrated trap filter :
Q
=
1
fo
f−3dB
−
f−3dB
fo
Q = 1.7 at sharp. min
Q = 3.0 at sharp. max
Center frequency :
- 4.43MHz for PAL
- 4.25MHz, for SECAM (f-3dB = 3MHz; -20dB
rejection between 4.1MHz and 4.4MHz)
- Integrated chroma bandpass :
Q = 3.5, Center frequency= 4.43MHz
- Integrated cloche filter for SECAM :
Q = 16, Center frequency = 4.286MHz
- Integrated delay line : Bandwidth = 8MHz
- Integrated low pass filter for deflection part.
- Allfilters aretunedwitha referencephaselockedloop.
The PLL consists of a lowpass filter, a phasecompa-
rator,a loopfilter (with an externalcapacitor).The ref-
erence signal is the continuouscarrier wave from the
VCO (4.43MHz). The PLL adjusts the center fre-
quency of the lowpass so that it is equal to the
referencesignal.ThetuningvoltageofthePLLisused
to adjust all other filters. The cloche filter is fine tuned
with a secondPLLoperatingduring frame retrace.
STV2112B
3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com