Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74HC32P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC32P
Description  Quad. 2-input OR Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC32P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC32P Datasheet HTML 1Page - Renesas Technology Corp HD74HC32P Datasheet HTML 2Page - Renesas Technology Corp HD74HC32P Datasheet HTML 3Page - Renesas Technology Corp HD74HC32P Datasheet HTML 4Page - Renesas Technology Corp HD74HC32P Datasheet HTML 5Page - Renesas Technology Corp HD74HC32P Datasheet HTML 6Page - Renesas Technology Corp HD74HC32P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC32
Quad. 2-input OR Gates
REJ03D0545-0200
(Previous ADE-205-417)
Rev.2.00
Oct 06, 2005
Features
• High Speed Operation: t
pd = 10 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC32P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC32FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC32RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC32TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
A
B
Y
L
L
L
H
L
H
L
H
H
H
H
H
H :
High level
L :
Low level


Similar Part No. - HD74HC32P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC32P RENESAS-HD74HC32P Datasheet
123Kb / 9P
Quad. 2-input OR Gates
More results

Similar Description - HD74HC32P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS32 NSC-54LS32 Datasheet
120Kb / 6P
Quad 2-Input OR Gates
logo
Hitachi Semiconductor
HD74HC32 HITACHI-HD74HC32 Datasheet
45Kb / 8P
Quad. 2-input OR Gates
HD74LV32A HITACHI-HD74LV32A Datasheet
51Kb / 13P
Quad. 2-input OR Gates
logo
Micro Electronics
MMC4071 MICRO-ELECTRONICS-MMC4071 Datasheet
112Kb / 4P
OR GATES : QUAD 2 INPUT
logo
National Semiconductor ...
5432 NSC-5432 Datasheet
88Kb / 4P
QUAD 2-INPUT OR GATES
logo
Renesas Technology Corp
RD74LVC32B RENESAS-RD74LVC32B Datasheet
74Kb / 8P
Quad. 2-input OR Gates
HD74LV32A RENESAS-HD74LV32A Datasheet
67Kb / 9P
Quad. 2-input OR Gates
HD74HC32 RENESAS-HD74HC32_15 Datasheet
123Kb / 9P
Quad. 2-input OR Gates
HD74LV32A RENESAS-HD74LV32A_15 Datasheet
91Kb / 11P
Quad. 2-input OR Gates
RD74LVC32B RENESAS-RD74LVC32B_15 Datasheet
98Kb / 10P
Quad. 2-input OR Gates
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com