Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSU277 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSU277
Description  Silicon Epitaxial Planar for UHF/VHF tuner Band Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU277 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSU277 Datasheet HTML 1Page - Renesas Technology Corp HSU277 Datasheet HTML 2Page - Renesas Technology Corp HSU277 Datasheet HTML 3Page - Renesas Technology Corp HSU277 Datasheet HTML 4Page - Renesas Technology Corp HSU277 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSU277
Rev.8.00, Oct.08.2003, page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
0
1020304050
1.0
10
0.1
1.0
10
40
0
0.5
1.0
1.5
2.0
2.5
10
–9
10
–7
10
–8
10
–5
10
–6
10
–4
10
–2
10
–3
10
–13
10
–11
10
–12
10
–9
10
–10
10
–8
10
–6
10
–7
f = 100MHz
f = 1MHz
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
10
–4
10
–3
10
–2
Fig.4 Forward resistance vs. Forward current
Forward current IF (A)
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com