Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVB14S Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVB14S
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVB14S Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVB14S Datasheet HTML 1Page - Renesas Technology Corp HVB14S Datasheet HTML 2Page - Renesas Technology Corp HVB14S Datasheet HTML 3Page - Renesas Technology Corp HVB14S Datasheet HTML 4Page - Renesas Technology Corp HVB14S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVB14S
Rev.2.00 Dec 15, 2004 page 3 of 4
Main Characteristic
0
0.2
0.40.6
0.81.0
10
-3
10
-5
10
-7
10
-9
10
-11
10
-1
010
40
10
-12
10
-10
10
-11
30
20
50
10
-9
10
-8
10
10
1.0
1.0
f=1MHz
10
-5
10
-4
10
-3
10
-2
1.0
10
10
2
10
3
10
4
f=100MHz
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Forward current IF (A)
Fig.4 Forward resistance vs. Forward current
0.1
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com