Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74HC670P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC670P
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC670P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC670P Datasheet HTML 1Page - Renesas Technology Corp HD74HC670P Datasheet HTML 2Page - Renesas Technology Corp HD74HC670P Datasheet HTML 3Page - Renesas Technology Corp HD74HC670P Datasheet HTML 4Page - Renesas Technology Corp HD74HC670P Datasheet HTML 5Page - Renesas Technology Corp HD74HC670P Datasheet HTML 6Page - Renesas Technology Corp HD74HC670P Datasheet HTML 7Page - Renesas Technology Corp HD74HC670P Datasheet HTML 8Page - Renesas Technology Corp HD74HC670P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74HC670
Rev.2.00 Mar 30, 2006 page 2 of 8
Function Table
Write Inputs
Word
WB
WA
GW
0
1
2
3
L
L
L
Q = D
Q0
Q0
Q0
L
H
L
Q0
Q = D
Q0
Q0
H
L
L
Q0
Q0
Q = D
Q0
H
H
L
Q0
Q0
Q0
Q = D
X
X
H
Q0
Q0
Q0
Q0
Read Inputs
Outputs
RB
RA
GR
Q1
Q2
Q3
Q4
L
L
L
W0 B1
W0 B2
W0 B3
W0 B4
L
H
L
W1 B1
W1 B2
W1 B3
W1 B4
H
L
L
W2 B1
W2 B2
W2 B3
W2 B4
H
H
L
W3 B1
W3 B2
W3 B3
W3 B4
X
X
H
Z
Z
Z
Z
H
: high level
L
: low level
X
: irrelevant
Z
: high impedance (off)
(Q = D): The four selected internal flip-flop outputs will assume the states applied to the four external data inputs.
Q0
: The level of Q before the indicated input conditions were established.
W0 B1 : The first bit of word 0, etc.
Pin Arrangement
1
2
3
4
5
6
7
8
D2
D3
D4
RB
RA
Q4
Q3
GND
VCC
WA
WB
Write
Read
Q1
Q2
Data
D1
Write
select
Outputs
Outputs
Read
select
Data
Enable
D1
WA
WB
CW
CR
Q1
D3
D4
RB
RA
Q4
Q3
D2
Q2
(Top view)
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com