Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV5111 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5111
Description  RGB HIGH VOLTAGE VIDEO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5111 Datasheet(HTML) 4 Page - STMicroelectronics

  STV5111 Datasheet HTML 1Page - STMicroelectronics STV5111 Datasheet HTML 2Page - STMicroelectronics STV5111 Datasheet HTML 3Page - STMicroelectronics STV5111 Datasheet HTML 4Page - STMicroelectronics STV5111 Datasheet HTML 5Page - STMicroelectronics STV5111 Datasheet HTML 6Page - STMicroelectronics STV5111 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STV5111
4/7
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
ELECTRICAL CHARACTERISTICS (VCC = 12V ; VDD = 210V ; Tamb = 25
oC ; AV = 55 unless otherwise specified)
Symbol
Parameter
Value
Unit
VDD
Supply High Voltage
Pin 5
250
V
VCC
Supply Low Voltage
Pin 2
20
V
IOD
IOG
Output Current
to VDD
to Ground
Pins 7 - 10 - 13
Protected
8
mA
IFD
IFG
Output Current < 50µs duration
to VDD
to Ground
Pins 9 - 12 - 15
45
45
mA
mA
Ij
Input Current
Pins 1 - 3 - 4
60
mA
Tj
Junction Temperature
150
°C
Toper
Operating Ambient Temperature
0, + 70
°C
Tstg
Storage Temperature
- 20, + 150
°C
Symbol
Parameter+
Value
Unit
Rth(j-c)
Junction-Case Thermal Resistance
Max.
3
°C/W
Rth(j-a)
Junction-Ambient Thermal Resistance
Typ.
35
°C/W
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
High Supply Voltage (Pin5)
200 210
V
VCC
Low Supply Voltage (Pin 2)
7.5
9
10
V
IDD
High Voltage Supply Internal DC Current
(without current due to the feedback network)
VOUT = 100V
9.5
15
mA
ICC
Low Voltage Supply Internal DC Current
38
55
mA
Vsath
Output Saturation Voltage (High level)
(Pins7-10-13)
IO = - 10µA
5V
RON
Output Mos Transistor (Low level)
(Pins7-10-13)
1.7
k
Ω
BW
Bandwidth at - 3dB
Measured on CRT cathodes.
(CLOAD = 10pF, RPROTECT = 1kΩ
VOUT = 100V, D VOUT = 100VPP)
6MHz
tR, tF
Rise & Fall Time
Measured between 10% & 90% of
output pulse
(CLOAD = 10pF, RPROTECT = 1kΩ
VOUT = 100V, D VOUT = 100VPP
60
ns
GO
Open Loop Gain
47
50
dB
Open Loop Gain Difference between
2channels
-1.5
0
1.5
dB
Open Loop Gain Temperature Coefficient
0
dB/oC
P
Internal Power Dissipation
(seecalculationbelow)
VOUT = 2MHz, 70VPP sine wave,
VBLACK = 170V, CL = 20pF
RF = 68kΩ
3.6
dB/°C
VREF
Internal Voltage Reference (Pins 1-3-4)
VOUT = 100V
2.3
2.5
2.7
V
Voltage Reference Temperature Coefficient
0
mV/°C
IIB
Input Bias Current (Pins 1-3-4)
VOUT = 100V
75
µA
RI
Input Resistance
4k
Ω
ESD
ESD Human Body Model
1.2
kV
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com