Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV6410A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6410A Datasheet HTML 6Page - STMicroelectronics STV6410A Datasheet HTML 7Page - STMicroelectronics STV6410A Datasheet HTML 8Page - STMicroelectronics STV6410A Datasheet HTML 9Page - STMicroelectronics STV6410A Datasheet HTML 10Page - STMicroelectronics STV6410A Datasheet HTML 11Page - STMicroelectronics STV6410A Datasheet HTML 12Page - STMicroelectronics STV6410A Datasheet HTML 13Page - STMicroelectronics STV6410A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
I
2C BUS SELECTION
Data transfers follow the usual I2C format: after the start condition (S), a 7-bit slave address is sent, followed
by an eighth bit which is a data direction bit (W). A 8-bit subadress is sent to select a register, followed by
a 8-bit data word to put in it.
The IC’s I2C bus decoder permits the automatic incrementation mode in write mode.
String Format
Write only mode (S : start condition, P : stop condition, A : acknowledge)
S
SLAVE ADDRESS
0
A
SUBADDRESS
A
DATA
A
P
Read only mode
S
SLAVE ADDRESS
1
A
DATA
A
P
Slave Address
Address
A6
A5
A4
A3
A2
A1
A0
Value
10
01
01
X
Auto Increment Mode
S
SLAVE ADDRESS
0
A
SUBADDRESS
A
DATA0
A
DATA1
A
........
DATAN
A
P
I
2C Bus Address
Write Address : 1001 01X0
Read Address : 1001 01X1
Address Selection Pin Grounded : X = 0, write address = 94HEX, read address = 95HEX
Address Selection Pin to Supply : X = 1, write address = 96HEX, read address = 97HEX
Input Signals Summary (Write Mode)
Reg.
Address
(HEX)
DATA D7
DATA D6
DATA D5
DATA D4
DATA D3
DATA D2
DATA D1
DATA D0
00
TV Audio Level Adjustment
0/6dBGain
TV Mono
TV Audio Outputs control
01
Cinch Audio Level Adjustment
0/6dBGain
Not used
Cinch Audio Outputs control
02
AUX Mono
VCR Mono
AUX Audio Outputs control
VCR Audio Outputs control
03
Not used
TV chroma
mute
Y/CVBS & Chroma TV outputs control
TV RF ouput control
TV R/C
ouput
control
04
TV RGB outputs control
TV FB Output control
RGB Gain
R/Csub
AUX Clamp
R/Csub
Encoder
Clamp
05
AUX
Chroma
Mute
AUX Y/CVBS &
Chroma Outputs control
VCR
Chroma
Mute
VCR Y/CVBS &
Chroma Outputs control
06
Not used
Not used
Slow Blanking
AUX SCART
Slow Blanking
VCR SCART
Slow Blanking
TV SCART
07
VCR
Output OFF
AUX
Output OFF
TV Output
OFF
ENCOD
Clamp
disable
TV Clamp
disable
ASTB
Clamp
disable
VCR
Clamp
disable
AUX
Clamp
disable
08
Not used
Not used
Not used
Not used
Not used
Not used
RF Mod
Output OFF
CINCH
Output OFF
Not used data must be put to "0"
STV6410A
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com