Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCR12CS-12LA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR12CS-12LA
Description  Triac Medium Power Use
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12CS-12LA Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR12CS-12LA Datasheet HTML 1Page - Renesas Technology Corp BCR12CS-12LA Datasheet HTML 2Page - Renesas Technology Corp BCR12CS-12LA Datasheet HTML 3Page - Renesas Technology Corp BCR12CS-12LA Datasheet HTML 4Page - Renesas Technology Corp BCR12CS-12LA Datasheet HTML 5Page - Renesas Technology Corp BCR12CS-12LA Datasheet HTML 6Page - Renesas Technology Corp BCR12CS-12LA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCR12CS-12LA
REJ03G0340-0300
Rev.3.00
Nov 30, 2007
Page 2 of 6
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
12
A
Commercial frequency, sine full wave
360° conduction, Tc = 98
°CNote3
Surge on-state current
ITSM
120
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
60
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
—
1.2
g
Typical value
Notes: 1. Gate open.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
—
—
2.0
mA
Tj = 125
°C, VDRM applied
On-state voltage
VTM
—
—
1.6
V
Tc = 25
°C, ITM = 20 A,
Instantaneous measurement
Ι
VFGTΙ
—
—
1.5
V
ΙΙ
VRGTΙ
—
—
1.5
V
Gate trigger voltage
Note2
ΙΙΙ
VRGTΙΙΙ
—
—
1.5
V
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Ω
Ι
IFGTΙ
—
—
30
Note6
mA
ΙΙ
IRGTΙ
—
—
30
Note6
mA
Gate trigger current
Note2
ΙΙΙ
IRGTΙΙΙ
—
—
30
Note6
mA
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Ω
Gate non-trigger voltage
VGD
0.2
—
—
V
Tj = 125
°C, VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
—
—
1.8
°C/W
Junction to case
Note3 Note4
Critical-rate of rise of off-state
commutating voltage
Note5
(dv/dt)c
10
—
—
V/
µs
Tj = 125
°C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured on the T2 tab.
4. The contact thermal resistance Rth (c-f) in case of greasing is 1.0°C/W.
5. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
6. High sensitivity (IGT
≤ 20 mA) is also available. (IGT item: 1)
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
°C
2. Rate of decay of on-state commutating current
(di/dt)c = – 6.0 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com