Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX6ASJ-3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FX6ASJ-3
Description  High-Speed Switching Use Pch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FX6ASJ-3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FX6ASJ-3 Datasheet HTML 1Page - Renesas Technology Corp FX6ASJ-3 Datasheet HTML 2Page - Renesas Technology Corp FX6ASJ-3 Datasheet HTML 3Page - Renesas Technology Corp FX6ASJ-3 Datasheet HTML 4Page - Renesas Technology Corp FX6ASJ-3 Datasheet HTML 5Page - Renesas Technology Corp FX6ASJ-3 Datasheet HTML 6Page - Renesas Technology Corp FX6ASJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FX6ASJ-3
Rev.2.00
Aug 07, 2006
page 3 of 6
Performance Curves
Power Dissipation Derating Curve
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Voltage vs.
Gate-Source Voltage (Typical)
Gate-Source Voltage VGS (V)
On-State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)
0
10
20
30
40
50
0
200
50
100
150
–2
–3
–100
–5
–7
–101
–2
–3
–5
–7
–102
–2
–3
–5
–7
–101 –2
–102
–3 –5 –7
–2
–103
–3 –5 –7
–10–1
–2 –3 –5 –7
–2
0
–2
–4
–6
–8
–10
0
–2–4–6–8
–10
–3V
–3.5V
–2.5V
PD = 35W
VGS =
–10V
–6V
–5V
–4V
0
–4
–8
–12
–16
–20
0
–4
–8
–12
–16
–20
–3V
–4V
VGS = –10V
PD = 35W
–6V
–5V
0
0.2
0.4
0.6
0.8
1.0
–10–1 –2
–100
–3 –5 –7
–2
–101
–3 –5 –7
–2
–102
–3 –5 –7
VGS = –4V
–10V
0
–4
–8
–12
–16
–20
0
–2–4–6–8
–10
–6A
–3A
ID = –12A
Tc = 25
°C
Single Pulse
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
100
µs
1ms
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com