Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8211 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8211
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8211 Datasheet(HTML) 4 Page - STMicroelectronics

  STV8211 Datasheet HTML 1Page - STMicroelectronics STV8211 Datasheet HTML 2Page - STMicroelectronics STV8211 Datasheet HTML 3Page - STMicroelectronics STV8211 Datasheet HTML 4Page - STMicroelectronics STV8211 Datasheet HTML 5Page - STMicroelectronics STV8211 Datasheet HTML 6Page - STMicroelectronics STV8211 Datasheet HTML 7Page - STMicroelectronics STV8211 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
2
3
5
6
7
89
10
16
17
18
19
20
11
12
14
15
10nF
10nF
4
4
100nF
10
µF
9VDC
10k
Ω
47pF
1.8k
Ω
Q= 80
38.9MHz
6.2 VZ
9V
180
Ω
SW1
AB
C
IoT
V1TUN
5.5MHz
Q> 40
Volume
Control
I Audio Output
with Deemphasis
L Audio Signal
without Deemphasis
47nF
50
Ω
FM Input
VIF Input
38.9MHz
M = 100%
R = 10%
AMDSB
47pF
38.9MHz
Q= 80
10nF
9V
D
AFC Output
E
E
Video Out 2
Video Out 1
STV8211
TEST CIRCUIT
0
-15
02
46
8
10
F (MHz)
OUT
V
(dB)
-3
-9
-6
-12
Figure 1 : Output Signal Bandwidth without
Video peaking
0
-15
024
68
10
F (MHz)
OUT
V
(dB)
-3
-12
-9
-6
Figure 2 : Output Signal Bandwidth with
Video peaking
STV8211
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com