Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9379F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9379F
Description  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379F Datasheet(HTML) 1 Page - STMicroelectronics

  STV9379F Datasheet HTML 1Page - STMicroelectronics STV9379F Datasheet HTML 2Page - STMicroelectronics STV9379F Datasheet HTML 3Page - STMicroelectronics STV9379F Datasheet HTML 4Page - STMicroelectronics STV9379F Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STV9379F
VERTICAL DEFLECTION BOOSTER
August 1998
Output Stage Supply
Output
GND or Negative Supply
Flyback Supply
Supply Voltage
Inverting Input
Tab connected to pin 4
7
6
5
4
3
2
1
Non-inverting Input
PIN CONNECTIONS
HEPTAWATT
(Plastic Package)
ORDER CODE : STV9379F
.
POWER AMPLIFIER
.
THERMAL PROTECTION
.
OUTPUT CURRENT UP TO 2.0APP
.
FLYBACK VOLTAGE UP TO 90V (on Pin 5)
.
SUITABLE FOR DC COUPLING APPLICATION
.
EXTERNAL FLYBACK SUPPLY
DESCRIPTION
Designed for monitors and high performance TVs,
the STV9379F vertical deflection booster can han-
dle flyback voltage up to 90V. Further to this, it is
possible to have a flyback voltage which is more
than the double of the supply (Pin 2). This allows
to decrease the power consumption, or to decrease
the flyback time for a given supply voltage.
The STV9379F operates with supplies up to 42V
and provides up to 2.0APP output current to drive
the yoke.
The STV9379F is offered in HEPTAWATT package.
1/5


Similar Part No. - STV9379F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9379FA STMICROELECTRONICS-STV9379FA Datasheet
78Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jun-1998
More results

Similar Description - STV9379F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
VERTICAL DEFLECTION BOOSTER
Nov-1996
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
VERTICAL DEFLECTION BOOSTER
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
VERTICAL DEFLECTION BOOSTER
29-Mar-2005
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
VERTICAL DEFLECTION BOOSTER
Sep-2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com