Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA1631D01 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA1631D01
Description  Dual CMOS Comparator (Push Pull/Open Drain Output)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631D01 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA1631D01 Datasheet HTML 17Page - Renesas Technology Corp HA1631D01 Datasheet HTML 18Page - Renesas Technology Corp HA1631D01 Datasheet HTML 19Page - Renesas Technology Corp HA1631D01 Datasheet HTML 20Page - Renesas Technology Corp HA1631D01 Datasheet HTML 21Page - Renesas Technology Corp HA1631D01 Datasheet HTML 22Page - Renesas Technology Corp HA1631D01 Datasheet HTML 23Page - Renesas Technology Corp HA1631D01 Datasheet HTML 24Page - Renesas Technology Corp HA1631D01 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
HA1631D01/02/03/04 Series
Rev.2.00 Nov 20, 2006 page 21 of 26
(unless otherwise noted, VDD = 3 V, VSS = 0 V, Ta = 25°C)
CH1
GND
CH2
GND
Input Voltage
Output Voltage
VDD = 5.5V
VDD = 3.0V
VDD = 1.8V
010
30
20
40
50
0
5
10
15
20
0
5
10
15
20
–50
–25
0
255075
100
0
1.0
2.0
3.0
Ambient Temperature, Ta (°C)
Figure 4-13 HA1631D04
Falling Time vs. Ambient Temperature
Figure 4-14 HA1631D04
Falling Time vs. Capacitive Load
Capacitive Load, CL (pF)
Resistor Load, RL (Ω)
Figure 4-15 HA1631D04
Output Low Voltage vs. Resistor Load
VDD
–4
–2
0
2
–3
–1
1
3
4
100
1 k
100 k
10 k
1 M
GND
Frequency, f (Hz)
Figure 4-18 HA1631D04
Input Offset Voltage (CH1) vs. Frequency
Figure 4-17 HA1631D04
TPHL Transient Response
(Overdrive, ±0.1Vp-p)
Figure 4-16 HA1631D04
Falling Time tf
(Overdrive, ±0.1Vp-p)
10
1k
100
10k
1M
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com