Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA16116FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16116FP
Description  Switching Regulator for Chopper Type DC/DC Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16116FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16116FP Datasheet HTML 9Page - Renesas Technology Corp HA16116FP Datasheet HTML 10Page - Renesas Technology Corp HA16116FP Datasheet HTML 11Page - Renesas Technology Corp HA16116FP Datasheet HTML 12Page - Renesas Technology Corp HA16116FP Datasheet HTML 13Page - Renesas Technology Corp HA16116FP Datasheet HTML 14Page - Renesas Technology Corp HA16116FP Datasheet HTML 15Page - Renesas Technology Corp HA16116FP Datasheet HTML 16Page - Renesas Technology Corp HA16116FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
HA16116FP/FPJ, HA16121FP/FPJ
Rev.2.0, Sep.18.2003, page 13 of 33
4. Totem Pole Output Stage Circuit and Power MOS FET Driving Method
The output stage of this IC series is configured of totem pole circuits, allowing direct connection to a power
MOS FET as an external switching device, so long as V
IN is below the gate breakdown voltage.
If there is a possibility that V
IN will exceed the gate breakdown voltage of the power MOS FET, a Zener
diode circuit like that shown figure 4.1 or other protective measures should be used. The figure 4.1 shows
an example using a P-channel power MOS FET.
Bias
circuit
P.VIN
VO
OUT
Zener diode for
gate protection
Drive circuit
Gate
protection
resistor
E.g.: VIN = 18 V
Schottky
barrier diode
+
−
Figure 4.1 P-channel Power MOS FET (example)
5. Vref Undervoltage Error Prevention (UVL) and Overvoltage Protection (OVP) Functions
5.1 Operation Principles
The reference voltage circuit is equipped with UVL and OVP functions.
• UVL
In normal operation the Vref output voltage is fixed at 2.5 V. If V
IN is lower than normal, the UVL
circuit detects the Vref output voltage with a hysteresis of 1.7 V and 2.0 V, and shuts off the PWM
output if Vref falls below this level, in order to prevent malfunction.
• OVP
The OVP circuit protects the IC from inadvertent application of a high voltage from outside, such as if
V
IN is shorted.
A Zener diode (5.6 V) and resistor are used between Vref and GND for overvoltage
detection. PWM output is shut off if Vref exceeds approximately 7.0 V.
Note that the PWM output pulse logic and the precision of the switching regulator output voltage are not
guaranteed at an applied voltage of 2.5 V to 7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com