Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA16117FPC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16117FPC
Description  CMOS Watchdog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16117FPC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16117FPC Datasheet HTML 17Page - Renesas Technology Corp HA16117FPC Datasheet HTML 18Page - Renesas Technology Corp HA16117FPC Datasheet HTML 19Page - Renesas Technology Corp HA16117FPC Datasheet HTML 20Page - Renesas Technology Corp HA16117FPC Datasheet HTML 21Page - Renesas Technology Corp HA16117FPC Datasheet HTML 22Page - Renesas Technology Corp HA16117FPC Datasheet HTML 23Page - Renesas Technology Corp HA16117FPC Datasheet HTML 24Page - Renesas Technology Corp HA16117FPC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
HA16117F Series
Rev.3.00 Jun 15, 2005 page 21 of 30
200
µ
Standby Supply Current vs. Supply Voltage
100
µ
0
5
7
Supply Voltage VCC (V)
300
µ
Supply Current vs. Ambient Temperature
−30
0
50
85
200
µ
100
µ
0
Ambient temperature Ta (
°C)
ISTBY
Ta = 25
°C
f = 20 kHz ICC
f = 100 Hz ICC
Test circuit
0.01
µ
0.1
µ
510 k
750 k
12 V
VCC
VCC
ISTBY
Tadj
P-RUN ACC
CF
GND
CR
A
V
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com