Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA16142P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16142P
Description  PFC and PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16142P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16142P Datasheet HTML 1Page - Renesas Technology Corp HA16142P Datasheet HTML 2Page - Renesas Technology Corp HA16142P Datasheet HTML 3Page - Renesas Technology Corp HA16142P Datasheet HTML 4Page - Renesas Technology Corp HA16142P Datasheet HTML 5Page - Renesas Technology Corp HA16142P Datasheet HTML 6Page - Renesas Technology Corp HA16142P Datasheet HTML 7Page - Renesas Technology Corp HA16142P Datasheet HTML 8Page - Renesas Technology Corp HA16142P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.5.00 Jun 15, 2005 page 3 of 17
Block Diagram
13
11
2.5V
−0.5V
PFC-FB
14
O.C
9
PFC-ON
PFC-EO
PFC-VAMP
PWM-VAMP
PFC-CAMP
PFC-CLIMIT
7
CAO
4
5 VREF
1 GND
2 PWM-OUT
16 PWM-CS
3 PFC-OUT
VCC
10
IAC
2.5V
100kHz
±1.5A
200kHz
Multiplier
Integrator
LATCH
RES
VCC
VCC
5R
2.7k
PFC/PWM
Supervisor
±1.0A
Over
Current Det.
Gain
Selector
8
PFC-CS
PFC Control
UVLO
VREF
Oscillator
PWM Control
R
12
6
TIM
15
PWM-EO
PG
HA16141 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com