Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA16174FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16174FP
Description  Power Factor Correction Controller IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16174FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16174FP Datasheet HTML 9Page - Renesas Technology Corp HA16174FP Datasheet HTML 10Page - Renesas Technology Corp HA16174FP Datasheet HTML 11Page - Renesas Technology Corp HA16174FP Datasheet HTML 12Page - Renesas Technology Corp HA16174FP Datasheet HTML 13Page - Renesas Technology Corp HA16174FP Datasheet HTML 14Page - Renesas Technology Corp HA16174FP Datasheet HTML 15Page - Renesas Technology Corp HA16174FP Datasheet HTML 16Page - Renesas Technology Corp HA16174FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
HA16174P/FP
Rev.1.00 Jan 06, 2006 page 13 of 36
Description of Pin Functions
OUT Pin:
The power MOS FET gate-drive signal is output from this pin, and takes the form of a rectangular waveform with an
amplitude of VCC-GND.
GND Pin:
The ground terminal.
DELAY Pin:
This pin has three functions; (1) delay-time setting for output of the Power Good signal, (2) setting the PFC function
hold time for cases of momentary outage, and (3) IC shutdown.
Normal operation is as a 100
µA constant-current sink.
(1) Power Good signal output delay
When the PFC output voltage is within the range from 96% (typ.) to 105.5% (typ.), this pin functions as a 10
µA
source current. When the capacitor is charged until the voltage reaches 2.5 V (typ.), the Power Good signal is
output and the delay-pin function becomes a 100
µA sink current. The delay time for Power Good signal output is
set by the values of the external capacitor.
(2) Setting the PFC function hold time for momentary outage
When the PFC-ON pin is driven below 1.6 V (typ.) due to a momentary outage, the delay pin functions as a 10
µA
source current. PFC operation continues until the capacitor is charged to 1.25 V (typ.). After the voltage on the
delay pin reaches 1.25 V (typ.) the pin functions as a 100
µA sink current, and PFC operation terminates. The PFC
function hold time can be set by the value of the external capacitor.
(3) Shutdown
When this pin is pulled up to 4 V (typ.) or higher, the IC enters the shutdown state. Accordingly, the VREF signal
becomes low and the operating current becomes several hundred
µA. The IC does not resume operation until Vcc
falls to 4 V (max.) or below.
Note:
(1) and (2) cannot be set independently.
PGADJ Pin:
This pin sets the stop level of power good signal. If the FB pin voltage falls below this pin voltage, the Power Good
signal stops immediately. Do not set this pin voltage to 2.3 V or higher. When this pin is open-circuit, the Power Good
signal stops when the voltage on the FB pin becomes lower than 0.55 V (max.).
PFC-ON Pin:
This pin is applied smoothing voltage of rectified AC voltage. When 1.75 V (typ.) or more is applied to this pin, PFC
operation starts. When the voltage is 1.6 V (typ.) or lower, the PFC operation stops after the PFC operation hold time
(refer to the description of DELAY pin operation). When the voltage is forcibly lower than 0.95 V (typ.), PFC
operation stops even if the PFC operation hold time has not elapsed.
VREF Pin:
Temperature-compensated voltage with an accuracy of 5 V
± 3% is output from this pin. The pin should supply no
more than 5 mA (max.) source current. This pin has no sink capabilities.
CAO Pin:
This pin is the current-error amplifier output, and is connected to the phase-compensation circuit of the current-error
amp. The result of comparison of the voltage on this pin and the CT pin produces the pulse output from the OUT pin.
CS Pin:
Current detection pin. The current is controlled to be proportional to the AC voltage and the power factor is corrected.
When the voltage on this pin drops to –0.3 V (typ.) or below, over current detection circuit operates, and OUT pin is
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com