Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW13NB60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW13NB60
Description  N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13NB60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW13NB60 Datasheet HTML 1Page - STMicroelectronics STW13NB60 Datasheet HTML 2Page - STMicroelectronics STW13NB60 Datasheet HTML 3Page - STMicroelectronics STW13NB60 Datasheet HTML 4Page - STMicroelectronics STW13NB60 Datasheet HTML 5Page - STMicroelectronics STW13NB60 Datasheet HTML 6Page - STMicroelectronics STW13NB60 Datasheet HTML 7Page - STMicroelectronics STW13NB60 Datasheet HTML 8Page - STMicroelectronics STW13NB60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STW13NB60
STH13NB60FI
N - CHANNEL 600V - 0.48
Ω - 13A - TO-247/ISOWATT218
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.48
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
January 2000
TO-247
ISOWATT218
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STW 13NB60
STH13NB60FP
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
600
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC13
8.6
A
ID
Drain Current (continuous) at Tc =100
oC8.2
5.4
A
IDM (
•)
Drain Current (pulsed)
52
52
A
Ptot
T otal Dissipation at Tc =25
oC
190
80
W
Derating Factor
1.52
0.64
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4
4
V/ns
VISO
I nsulat ion W ithstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 13 A, di/dt ≤ 200 Α/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST W13NB60
ST H13NB60FI
600 V
600 V
<0.54
Ω
<0.54
Ω
13 A
8.6 A
1
2
3
1
2
3
1/9


Similar Part No. - STW13NB60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW13NB60 ISC-STW13NB60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW13NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
Oct-1998
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
Jun-2000
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh™ MOSFET
Apr-2003
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STGF20NB60S STMICROELECTRONICS-STGF20NB60S Datasheet
293Kb / 10P
N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
17-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com