Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH16NA40 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH16NA40
Description  N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH16NA40 Datasheet(HTML) 5 Page - STMicroelectronics

  STH16NA40 Datasheet HTML 1Page - STMicroelectronics STH16NA40 Datasheet HTML 2Page - STMicroelectronics STH16NA40 Datasheet HTML 3Page - STMicroelectronics STH16NA40 Datasheet HTML 4Page - STMicroelectronics STH16NA40 Datasheet HTML 5Page - STMicroelectronics STH16NA40 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
C
3.3
3.8
0.130
0.149
D
2.9
3.1
0.114
0.122
D1
1.88
2.08
0.074
0.081
E
0.75
1
0.029
0.039
F
1.05
1.25
0.041
0.049
G
10.8
11.2
0.425
0.441
H
15.8
16.2
0.622
0.637
L1
20.8
21.2
0.818
0.834
L2
19.1
19.9
0.752
0.783
L3
22.8
23.6
0.897
0.929
L4
40.5
42.5
1.594
1.673
L5
4.85
5.25
0.190
0.206
L6
20.25
20.75
0.797
0.817
M
3.5
3.7
0.137
0.145
N
2.1
2.3
0.082
0.090
U4.6
0.181
L1
M
L6
123
L5
L4
N
L3
L2
P025C
ISOWATT218 MECHANICAL DATA
®
STW16NA40-STH16NA40FI
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com