Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7136CCITRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7136CCITRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136CCITRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7136CCITRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
7
Pin Descriptions
Pin No.
Name
Function Description
1
LX
Switch pin. Connect this pin to inductor/diode here.
2
GND
Power and signal ground pin.
3
FB
Feedback Pin. Reference voltage is 0.25V. Connect this pin to cathode of the lowest LED and
resistor (R1). Calculate resistor value according to R1=0.25V/ILED.
4
EN
Enable Control Input. Forcing this pin above 1.0V enables the device, or forcing this pin below 0.4V
to shut it down. In shutdown, all functions are disabled to decrease the supply current below 1
µA.
Do not leave this pin floating.
5
OVP
Over Voltage Protection Input Pin. OVP is connected to the output capacitor of the converter.
6
VIN
Main Supply Pin. Must be closely decoupled to GND with a 4.7
µF or greater ceramic capacitor.
Block Diagram
UVLO
Oscillator
Control Logic
Σ
VIN
EN
FB
GND
LX
OVP
Over-
Temperature
Protection
V
REF
0.25V
EAMP
COMP
ICMP
Slope
Compensation
Gate Driver
Current Sense
Amplifier
Error
Amplifier
Current
limit
Soft-
start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com