Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW45NM50FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW45NM50FD
Description  N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh™ Power MOSFET With FAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW45NM50FD Datasheet(HTML) 1 Page - STMicroelectronics

  STW45NM50FD Datasheet HTML 1Page - STMicroelectronics STW45NM50FD Datasheet HTML 2Page - STMicroelectronics STW45NM50FD Datasheet HTML 3Page - STMicroelectronics STW45NM50FD Datasheet HTML 4Page - STMicroelectronics STW45NM50FD Datasheet HTML 5Page - STMicroelectronics STW45NM50FD Datasheet HTML 6Page - STMicroelectronics STW45NM50FD Datasheet HTML 7Page - STMicroelectronics STW45NM50FD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2002
STW45NM50FD
N-CHANNEL 500V - 0.07
Ω - 45A TO-247
FDmesh™Power MOSFET (With FAST DIODE)
n
TYPICAL RDS(on) = 0.07Ω
n
HIGH dv/dt AND AVALANCHE CAPABILITIES
n
100% AVALANCHE TESTED
n
LOW INPUT CAPACITANCE AND GATE
CHARGE
n
LOW GATE INPUT RESISTANCE
n
TIGHT PROCESS CONTROL AND HIGH
MANUFACTURING YIELDS
DESCRIPTION
The FDmesh™ associates all advantages of re-
duced on-resistance and fast switching with an in-
trinsic fast-recovery body diode. It is therefore
strongly recommended for bridge topologies, in par-
ticular ZVS phase-shift converters.
APPLICATIONS
n
ZVS PHASE-SHIFT FULL BRIDGE
CONVERTERS FOR SMPS AND WELDING
EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW45NM50FD
500V
< 0.1
Ω
45 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
45
A
ID
Drain Current (continuos) at TC = 100°C
28.4
A
IDM (l)
Drain Current (pulsed)
180
A
PTOT
Total Dissipation at TC = 25°C
417
W
Derating Factor
2.08
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD ≤45A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
1
2
3
TO-247
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW45NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW45NM50FD STMICROELECTRONICS-STW45NM50FD Datasheet
587Kb / 12P
N-channel 500 V, 0.07 Ω, 45 A, TO-247 FDmesh??Power MOSFET (with fast diode)
23-Jul-2009
logo
Inchange Semiconductor ...
STW45NM50FD ISC-STW45NM50FD Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW45NM50FD STMICROELECTRONICS-STW45NM50FD_09 Datasheet
587Kb / 12P
N-channel 500 V, 0.07 Ω, 45 A, TO-247 FDmesh??Power MOSFET (with fast diode)
23-Jul-2009
More results

Similar Description - STW45NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
287Kb / 7P
N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh™ Power MOSFET With FAST DIODE
Nov-2001
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE
Aug-2003
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE
Jun-2002
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh™ Power MOSFET
Jan-2003
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
STF20NM50D STMICROELECTRONICS-STF20NM50D Datasheet
494Kb / 11P
N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
Nov-2003
STB12NM50FD STMICROELECTRONICS-STB12NM50FD_06 Datasheet
466Kb / 18P
N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
03-May-2006
STW45NM50FD STMICROELECTRONICS-STW45NM50FD_09 Datasheet
587Kb / 12P
N-channel 500 V, 0.07 Ω, 45 A, TO-247 FDmesh??Power MOSFET (with fast diode)
23-Jul-2009
STW43NM60ND STMICROELECTRONICS-STW43NM60ND Datasheet
627Kb / 12P
N-channel 600 V, 0.075 Ω, 35 A TO-247 FDmesh??Power MOSFET (with fast diode
16-Feb-2010
STW45NM60D STMICROELECTRONICS-STW45NM60D Datasheet
575Kb / 12P
N-channel 600 V, 0.09 Ω, 45 A TO-247 FDmesh™ Power MOSFET (with fast diode)
08-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com