Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW45NM60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW45NM60
Description  N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmes TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW45NM60 Datasheet(HTML) 4 Page - STMicroelectronics

  STW45NM60 Datasheet HTML 1Page - STMicroelectronics STW45NM60 Datasheet HTML 2Page - STMicroelectronics STW45NM60 Datasheet HTML 3Page - STMicroelectronics STW45NM60 Datasheet HTML 4Page - STMicroelectronics STW45NM60 Datasheet HTML 5Page - STMicroelectronics STW45NM60 Datasheet HTML 6Page - STMicroelectronics STW45NM60 Datasheet HTML 7Page - STMicroelectronics STW45NM60 Datasheet HTML 8Page - STMicroelectronics STW45NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STW45NM60
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS = 0
600
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
10
µA
VDS = Max rating, TC = 125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±30V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 22.5A
0.09
0.11
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward transconductance
VDS > ID(on) x RDS(on)max, ID=
22.5A
15
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1 MHz, VGS = 0
3800
1250
80
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0V, VDS = 0V to 480V
340
pF
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
test signal level = 20mV
open drain
1.4
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 400V, ID = 45A,
VGS = 10V
Figure 14
96
31
43
134
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com