Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW55NE10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW55NE10
Description  N - CHANNEL 100V - 0.021ohm - 55A - TO247 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW55NE10 Datasheet(HTML) 1 Page - STMicroelectronics

  STW55NE10 Datasheet HTML 1Page - STMicroelectronics STW55NE10 Datasheet HTML 2Page - STMicroelectronics STW55NE10 Datasheet HTML 3Page - STMicroelectronics STW55NE10 Datasheet HTML 4Page - STMicroelectronics STW55NE10 Datasheet HTML 5Page - STMicroelectronics STW55NE10 Datasheet HTML 6Page - STMicroelectronics STW55NE10 Datasheet HTML 7Page - STMicroelectronics STW55NE10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW55NE10
N - CHANNEL 100V - 0.021
Ω - 55A - TO247
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.021
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE AT 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
®
INTERNAL SCHEMATIC DIAGRAM
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
100
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC55
A
ID
Drain Current (continuous) at Tc =100
oC35
A
IDM (
•)
Drain Current (pulsed)
220
A
Ptot
T otal Dissipat ion at Tc =25
oC
180
W
Derating Factor
1.2
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
9
V/ns
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 55 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW 55NE10
100 V
<0.027
Ω
55 A
1
2
3
TO-247
1/8


Similar Part No. - STW55NE10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW55NE10 ISC-STW55NE10 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW55NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
Dec-1998
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
Jun-1998
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
01-Oct-2000
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
Nov-1999
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
STB50NE10 STMICROELECTRONICS-STB50NE10_06 Datasheet
412Kb / 13P
N-channel 100V - 0.021Ω - 50A - D2PAK STripFET??Power MOSFET
26-Jun-2006
logo
First Components Intern...
IRFZ44N FCI-IRFZ44N Datasheet
154Kb / 5P
55A 50V N CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
FQP55N10 THINKISEMI-FQP55N10 Datasheet
1Mb / 7P
55A,100V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com