Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M52957AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M52957AFP Datasheet HTML 5Page - Renesas Technology Corp M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp M52957AFP Datasheet HTML 10Page - Renesas Technology Corp M52957AFP Datasheet HTML 11Page - Renesas Technology Corp M52957AFP Datasheet HTML 12Page - Renesas Technology Corp M52957AFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 9 of 13
(3)CLALV
This terminal sets up clamp level.
As including D/A of 4bit, 16way clamp level setting is possible by inputting clock after reset is canceled(include none
clamp).
Set up current value of each bit is on
the right table.
The number of input clock and set up
clamp level is as follows.
bit
Set up current (Typ.)
1
0.125 nA
2
0.25 nA
3
0.5 nA
4
1.0 nA
Clock value
Clamp level(Typ.)
0
None clamp
1
0.125 nA
2
0.250 nA
3
0.375 nA
4
0.500 nA
5
0.625 nA
6
0.750 nA
7
0.875 nA
8
1.000 nA
9
1.125 nA
10
1.250 nA
11
1.375 nA
Clock value
Clamp level(Typ.)
12
1.500 nA
13
1.625 nA
14
1.750 nA
15
1.875 nA
16
None clamp
17
0.125 nA
18
0.250 nA
19
0.375 nA
20
0.500 nA
Clamp level is established with fall edge of input clock.
It repeats the same value after 16 clock.
(4) HOLD INT
These terminals implement the following controls by inputting HIGH/LOW.
a. CINT rapid charge ON , OFF
b. CHrapid charge ON , OFF
c. Stationary light hold ON , OFF
d. The first integration ON , OFF
e. The second integration ON , OFF
Stationary light hold
The first
integration
The second
integration
Reset canceled
HOLD
INT
CINT
rapid charge
CH
rapid charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com