Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65849CFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65849CFP
Description  SINGLE CHIP SURROUND PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65849CFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65849CFP Datasheet HTML 9Page - Renesas Technology Corp M65849CFP Datasheet HTML 10Page - Renesas Technology Corp M65849CFP Datasheet HTML 11Page - Renesas Technology Corp M65849CFP Datasheet HTML 12Page - Renesas Technology Corp M65849CFP Datasheet HTML 13Page - Renesas Technology Corp M65849CFP Datasheet HTML 14Page - Renesas Technology Corp M65849CFP Datasheet HTML 15Page - Renesas Technology Corp M65849CFP Datasheet HTML 16Page - Renesas Technology Corp M65849CFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
M65849CFP
Rev.1.00, Sep.04.2003, page 13 of 22
Clock oscillator circuit
This IC incorporates a current control type clock oscillator circuit in it,thus providing circuit configuration just by
connecting an Rc for current control pin 2 (CLK).
Fully internal clock supply prevents occurrence of undesired radiation without affecting any external circuit.
The oscillator frequency fck is following.
fck = 4MHz (Rc = 22
Ω)
2
Clock
oscillator
circuit
DC Current
Rc
Clock frequency : fck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com