Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N1HNK60 Datasheet(PDF) 9 Page - STMicroelectronics

Part # N1HNK60
Description  N-CHANNEL 600V - 8Ω - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N1HNK60 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button N1HNK60 Datasheet HTML 5Page - STMicroelectronics N1HNK60 Datasheet HTML 6Page - STMicroelectronics N1HNK60 Datasheet HTML 7Page - STMicroelectronics N1HNK60 Datasheet HTML 8Page - STMicroelectronics N1HNK60 Datasheet HTML 9Page - STMicroelectronics N1HNK60 Datasheet HTML 10Page - STMicroelectronics N1HNK60 Datasheet HTML 11Page - STMicroelectronics N1HNK60 Datasheet HTML 12Page - STMicroelectronics N1HNK60 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A1
4.45
4.95
0.170
0.194
T
3.30
3.94
0.130
0.155
T1
1.6
0.06
T2
2.3
0.09
d
0.41
0.56
0.016
0.022
P0
12.5
12.7
12.9
0.49
0.5
0.51
P2
5.65
6.35
7.05
0.22
0.25
0.27
F1, F2
2.44
2.54
2.94
0.09
0.1
0.11
delta H
-2
2
-0.08
0.08
W
17.5
18
19
0.69
0.71
0.74
W0
5.7
6
6.3
0.22
0.23
0.24
W1
8.5
9
9.25
0.33
0.35
0.36
W2
0.5
0.02
H
18.5
20.5
0.72
0.80
H0
15.5
16
16.5
0.61
0.63
0.65
H1
25
0.98
D0
3.8
4
4.2
0.15
0.157
0.16
t0.9
0.035
L11
0.43
l1
3
0.11
delta P
-1
1
-0.04
0.04
TO-92 AMMOPACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com