Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7136 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 25Page - Renesas Technology Corp SH7136 Datasheet HTML 26Page - Renesas Technology Corp SH7136 Datasheet HTML 27Page - Renesas Technology Corp SH7136 Datasheet HTML 28Page - Renesas Technology Corp SH7136 Datasheet HTML 29Page - Renesas Technology Corp SH7136 Datasheet HTML 30Page - Renesas Technology Corp SH7136 Datasheet HTML 31Page - Renesas Technology Corp SH7136 Datasheet HTML 32Page - Renesas Technology Corp SH7136 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1160 page
background image
Section 1 Overview
Rev. 2.00 Sep. 10, 2008 Page 3 of 1130
REJ09B0402-0200
Items
Specification
On-chip ROM
• 256 Kbytes
On-chip RAM
• 16 Kbytes
Bus state controller
(BSC)
• Address space: A maximum 1 Mbyte for each of two areas (CS0 and
CS1) (SH7137 only)
• 8-bit external bus (SH7137 only)
• The following features settable for each area independently
 Number of access wait cycles
 Idle wait cycle insertion
 Supports SRAM
• Outputs a chip select signal according to the target area
Data transfer
controller (DTC)
• Data transfer activated by an on-chip peripheral module interrupt can
be done independently of the CPU transfer.
• Transfer mode selectable for each interrupt source (transfer mode is
specified in memory)
• Multiple data transfer enabled for one activation source
• Various transfer modes
Normal mode, repeat mode, or block transfer mode can be selected.
• Data transfer size can be specified as byte, word, or longword
• The interrupt that activated the DTC can be issued to the CPU.
 A CPU interrupt can be requested after one data transfer
completion.
 A CPU interrupt can be requested after all specified data transfer
completion.
Interrupt controller
(INTC)
• Five external interrupt pins (NMI and IRQ3 to IRQ0)
• On-chip peripheral interrupts: Priority level set for each module
• Vector addresses: A vector address for each interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com