Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCR30AM-12LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR30AM-12LB
Description  Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR30AM-12LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR30AM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR30AM-12LB (The product guaranteed maximum junction temperature of 150
°C)
REJ03G0472-0300
Rev.3.00
Nov 30, 2007
Page 7 of 7
Package Dimensions
φ3.2 ± 0.2
4.8 ± 0.2
1.5
2.8
0.6 ± 0.2
1.0 ± 0.2
15.6 ± 0.3
1.6
1.4 Max
2.0
3.6
0.9
1.0
5.45 ± 0.5
5.45 ± 0.5
Previous Code
PRSS0004ZE-A
TO-3P / TO-3PV
MASS[Typ.]
5.0g
Package Name
TO-3P
SC-65
RENESAS Code
JEITA Package Code
Unit: mm
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Straight type
Vinyl sack
20
Type name
BCR30AM-12LB
Lead form
Plastic Magazine (Tube)
30
Type name – Lead forming code
BCR30AM-12LB-A8
Note : Please confirm the specification about the shipping in detail.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com