Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C2C Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 95Page - Renesas Technology Corp R8C2C Datasheet HTML 96Page - Renesas Technology Corp R8C2C Datasheet HTML 97Page - Renesas Technology Corp R8C2C Datasheet HTML 98Page - Renesas Technology Corp R8C2C Datasheet HTML 99Page - Renesas Technology Corp R8C2C Datasheet HTML 100Page - Renesas Technology Corp R8C2C Datasheet HTML 101Page - Renesas Technology Corp R8C2C Datasheet HTML 102Page - Renesas Technology Corp R8C2C Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 615 page
background image
R8C/2C Group, R8C/2D Group
7. Programmable I/O Ports
Rev.2.00
Dec 05, 2007
Page 78 of 585
REJ09B0339-0200
X: 0 or 1
NOTE:
1. Pulled up by setting the PU06 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU06 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU06 bit in the PUR0 register to 1.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU06 bit in the PUR0 register to 1.
2. N-channel open-drain output by setting the SOOS bit in the SSMR2 register to 1 when this pin functions as output.
Table 7.28
Port P3_0/TRAO
Register
PD3
TRAIOC
Function
Bit
PD3_0
TOENA
Setting
Value
00
Input port(1)
1
0
Output port
X
1
TRAO output
Table 7.29
Port P3_1/TRBO
Register
PD3
TRBMR
TRBIOC
Function
Bit
PD3_1
TMOD1
TMOD0
TOCNT
Setting
Value
000
X
Input port(1)
100
X
Output port
X
01b
1
X
Other than 00b
0
TRBO output
Table 7.30
Port P3_2/(INT2)
Register
PD3
INTEN
PMR
Function
Bit
PD3_2
INT2EN
INT2SEL
Setting
Value
0X
X
Input port(1)
1
X
X
Output port
01
1
INT2 input
Table 7.31
Port P3_3/SSI
Register
PD3
Clock Synchronous Serial I/O with Chip Select
(Refer to Table 16.4 Association between
Communication Modes and I/O Pins
.)
PMR
Function
Bit
PD3_3
SSI output control
SSI input control
IICSEL
Setting
Value
0
00
0
Input port(1)
XX
1
1
00
0
Output port(2)
XX
1
X
0
1
0
SSI input
X1
0
0
SSI output(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com