Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F212ACSNFP Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F212ACSNFP
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212ACSNFP Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F212ACSNFP Datasheet HTML 67Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 68Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 69Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 70Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 71Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 72Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 73Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 74Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 609 page
background image
R8C/2A Group, R8C/2B Group
6. Voltage Detection Circuit
Rev.2.00
Nov 26, 2007
Page 51 of 580
REJ09B0324-0200
6.3
Voltage Monitor 1 Interrupt and Voltage Monitor 1 Reset
Table 6.3 lists the Procedure for Setting Bits Associated with Voltage Monitor 1 Interrupt and Reset. Figure 6.10
shows an Example of Voltage Monitor 1 Interrupt and Voltage Monitor 1 Reset Operation. To use the voltage
monitor 1 interrupt or voltage monitor 1 reset to exit stop mode, set the VW1C1 bit in the VW1C register to 1
(digital filter disabled).
NOTES:
1. Set the VW1C7 bit to 1 (when VCC reaches Vdet1 or below) for the voltage monitor 1 reset.
2. When the VW1C0 bit is set to 0, steps 3, 4, and 5 can be executed simultaneously (with 1
instruction).
Table 6.3
Procedure for Setting Bits Associated with Voltage Monitor 1 Interrupt and Reset
Step
When Using Digital Filter
When Not Using Digital Filter
Voltage Monitor 1
Interrupt
Voltage Monitor 1
Reset
Voltage Monitor 1
Interrupt
Voltage Monitor 1
Reset
1
Set the VCA26 bit in the VCA2 register to 1 (voltage detection 1 circuit enabled)
2
Wait for td(E-A)
3
Select the sampling clock of the digital filter
by the VW1F0 to VW1F1 bits in the VW1C
register
Select the timing of the interrupt and reset
request by the VW1C7 bit in the VW1C
register(1)
4(2)
Set the VW1C1 bit in the VW1C register to 0
(digital filter enabled)
Set the VW1C1 bit in the VW1C register to 1
(digital filter disabled)
5(2)
Set the VW1C6 bit in
the VW1C register to
0 (voltage monitor 1
interrupt mode)
Set the VW1C6 bit in
the VW1C register to
1 (voltage monitor 1
reset mode)
Set the VW1C6 bit in
the VW1C register to
0 (voltage monitor 1
interrupt mode)
Set the VW1C6 bit in
the VW1C register to
1 (voltage monitor 1
reset mode)
6
Set the VW1C2 bit in the VW1C register to 0 (passing of Vdet1 is not detected)
7
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on)
-
8
Wait for 4 cycles of the sampling clock of the
digital filter
− (No wait time required)
9
Set the VW1C0 bit in the VW1C register to 1 (voltage monitor 1 interrupt/reset enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com