Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38000S Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H8/38000S
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38000S Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H8/38000S Datasheet HTML 82Page - Renesas Technology Corp H8/38000S Datasheet HTML 83Page - Renesas Technology Corp H8/38000S Datasheet HTML 84Page - Renesas Technology Corp H8/38000S Datasheet HTML 85Page - Renesas Technology Corp H8/38000S Datasheet HTML 86Page - Renesas Technology Corp H8/38000S Datasheet HTML 87Page - Renesas Technology Corp H8/38000S Datasheet HTML 88Page - Renesas Technology Corp H8/38000S Datasheet HTML 89Page - Renesas Technology Corp H8/38000S Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 555 page
background image
Section 2 CPU
Rev. 6.00 Mar 15, 2005 page 36 of 502
REJ09B0024-0600
Bit
Bit Name
Initial
Value
R/W
Description
0
C
Undefined
R/W
Carry Flag
Set to 1 when a carry occurs, and cleared to 0
otherwise. Used by:
• Add instructions, to indicate a carry
• Subtract instructions, to indicate a borrow
• Shift and rotate instructions, to indicate a carry
The carry flag is also used as a bit accumulator by bit
manipulation instructions.
Some instructions leave flag bits unchanged.
For the action of each instruction on the flag bits, refer to H8/300L Series Programming Manual.
2.3.4
Initial Register Values
When the CPU is reset, the program counter (PC) is initialized to the value stored at address
H'0000 in the vector table, and the I bit in the CCR is set to 1. The other CCR bits and the general
registers are not initialized. In particular, the initial value of the stack pointer (R7) is undefined.
The stack pointer should be initialized by software, by the first instruction executed after a reset.
2.4
Data Formats
The H8/300L CPU can process 1-bit data, 4-bit (BCD) data, 8-bit (byte) data, and 16-bit (word)
data. Bit manipulation instructions operate on 1-bit data specified as bit n in a byte operand (n = 0,
1, 2, ..., 7).
All arithmetic and logic instructions except ADDS and SUBS can operate on byte data. The
MOV.W, ADD.W, SUB.W, CMP.W, ADDS, SUBS, MULXU (8 bits
× 8 bits), and DIVXU (16
bits ÷ 8 bits) instructions operate on word data.
The DAA and DAS decimal-adjust instructions treat byte data as two digits of 4-bit BCD data.
2.4.1
General Register Data Formats
Figure 2.4 shows the data formats in general registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com