Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 500Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 501Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 502Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 503Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 504Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 505Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 506Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 507Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 480 of 1200
REJ09B0344-0200
(c)
Initialization
In complementary PWM mode, there are six registers that must be initialized. In addition, there is
a register that specifies whether to generate dead time (it should be used only when dead time
generation should be disabled).
Before setting complementary PWM mode with bits MD3 to MD0 in the timer mode register
(TMDR), the following initial register values must be set.
TGRC_3 operates as the buffer register for TGRA_3, and should be set with 1/2 the PWM carrier
cycle + dead time Td. The timer cycle buffer register (TCBR) operates as the buffer register for
the timer cycle data register (TCDR), and should be set with 1/2 the PWM carrier cycle. Set dead
time Td in the timer dead time data register (TDDR).
When dead time is not needed, the TDER bit in the timer dead time enable register (TDER) should
be cleared to 0, TGRC_3 and TGRA_3 should be set to 1/2 the PWM carrier cycle + 1, and TDDR
should be set to 1.
Set the respective initial PWM duty values in buffer registers TGRD_3, TGRC_4, and TGRD_4.
The values set in the five buffer registers excluding TDDR are transferred simultaneously to the
corresponding compare registers when complementary PWM mode is set.
Set TCNT_4 to H'0000 before setting complementary PWM mode.
Table 10.56 Registers and Counters Requiring Initialization
Register/Counter
Set Value
TGRC_3
1/2 PWM carrier cycle + dead time Td
(1/2 PWM carrier cycle + 1 when dead time generation
is disabled by TDER)
TDDR
Dead time Td (1 when dead time generation is
disabled by TDER)
TCBR
1/2 PWM carrier cycle
TGRD_3, TGRC_4, TGRD_4
Initial PWM duty value for each phase
TCNT_4
H'0000
Note:
The TGRC_3 set value must be the sum of 1/2 the PWM carrier cycle set in TCBR and
dead time Td set in TDDR. When dead time generation is disabled by TDER, TGRC_3
must be set to 1/2 the PWM carrier cycle + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com