Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 507 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 503Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 504Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 505Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 506Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 507Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 508Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 509Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 510Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 483 of 1200
REJ09B0344-0200
(g)
PWM Cycle Setting
In complementary PWM mode, the PWM pulse cycle is set in two registers—TGRA_3, in which
the TCNT_3 upper limit value is set, and TCDR, in which the TCNT_4 upper limit value is set.
The settings should be made so as to achieve the following relationship between these two
registers:
With dead time: TGRA_3 set value = TCDR set value + TDDR set value
Without dead time: TGRA_3 set value = TCDR set value + 1
The TGRA_3 and TCDR settings are made by setting the values in buffer registers TGRC_3 and
TCBR. The values set in TGRC_3 and TCBR are transferred simultaneously to TGRA_3 and
TCDR in accordance with the transfer timing selected with bits MD3 to MD0 in the timer mode
register (TMDR).
The updated PWM cycle is reflected from the next cycle when the data update is performed at the
crest, and from the current cycle when performed in the trough. Figure 10.42 illustrates the
operation when the PWM cycle is updated at the crest.
See the following section, Register Data Updating, for the method of updating the data in each
buffer register.
Counter value
TGRC_3
update
TGRA_3
update
TGRA_3
TCNT_3
TCNT_4
Time
Figure 10.42 Example of PWM Cycle Updating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com