Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 515Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 516Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 517Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 518Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 519Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 520Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 521Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 522Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 495 of 1200
REJ09B0344-0200
(n)
Output Waveform Control at Synchronous Counter Clearing in Complementary PWM
Mode
Setting the WRE bit in TWCR to 1 suppresses initial output when synchronous counter clearing
occurs in the Tb interval at the trough in complementary PWM mode and controls abrupt change
in duty cycle at synchronous counter clearing.
Initial output suppression is applicable only when synchronous clearing occurs in the Tb interval
at the trough as indicated by (10) or (11) in figure 10.56. When synchronous clearing occurs
outside that interval, the initial value specified by the OLS bits in TOCR is output. Even in the Tb
interval at the trough, if synchronous clearing occurs in the initial value output period (indicated
by (1) in figure 10.56) immediately after the counters start operation, initial value output is not
suppressed.
This function can be used in both the MTU2 and MTU2S. In the MTU2, synchronous clearing
generated in channels 0 to 2 in the MTU2 can cause counter clearing in complementary PWM
mode; in the MTU2S, compare match or input capture flag setting in channels 0 to 2 in the MTU2
can cause counter clearing.
Tb interval
Tb interval
Tb interval
TGRA_3
TGRB_3
TCDR
TCNT_3
TCNT_4
TDDR
H'0000
Positive phase
Negative phase
Output waveform is active-low
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10) (11)
Counter start
Figure 10.56 Timing for Synchronous Counter Clearing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com