Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 516Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 517Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 518Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 519Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 520Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 521Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 522Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 523Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 496 of 1200
REJ09B0344-0200
• Example of Procedure for Setting Output Waveform Control at Synchronous Counter Clearing
in Complementary PWM Mode
An example of the procedure for setting output waveform control at synchronous counter
clearing in complementary PWM mode is shown in figure 10.57.
Stop count operation
Output waveform control at
synchronous counter clearing
Set TWCR and
complementary PWM mode
Start count operation
Output waveform control at
synchronous counter clearing
[1]
[2]
[3]
[1] Clear bits CST3 and CST4 in the timer
start register (TSTR) to 0, and halt timer
counter (TCNT) operation. Perform
TWCR setting while TCNT_3 and
TCNT_4 are stopped.
[2] Read bit WRE in TWCR and then write 1
to it to suppress initial value output at
counter clearing.
[3] Set bits CST3 and CST4 in TSTR to 1 to
start count operation.
Figure 10.57 Example of Procedure for Setting Output Waveform Control at Synchronous
Counter Clearing in Complementary PWM Mode
• Examples of Output Waveform Control at Synchronous Counter Clearing in Complementary
PWM Mode
Figures 10.58 to 10.61 show examples of output waveform control in which the MTU2
operates in complementary PWM mode and synchronous counter clearing is generated while
the WRE bit in TWCR is set to 1. In the examples shown in figures 10.58 to 10.61,
synchronous counter clearing occurs at timing (3), (6), (8), and (11) shown in figure 10.56,
respectively.
In the MTU2S, these examples are equivalent to the cases when the MTU2S operates in
complementary PWM mode and synchronous counter clearing is generated while the SCC bit
is cleared to 0 and the WRE bit is set to 1 in TWCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com