| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 526 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 526 Page - Renesas Technology Corp |
|
526 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 502 of 1200 REJ09B0344-0200 • Example of Procedure for Suppressing MTU2–MTU2S Synchronous Counter Clearing An example of the procedure for suppressing MTU2–MTU2S synchronous counter clearing is shown in figure 10.63. Stop count operation (MTU2 and MTU2S) MTU2-MTU2S synchronous counter clearing suppress Start count operation (MTU2 and MTU2S) Output waveform control at synchronous counter clearing and synchronous counter clearing suppress [1] [3] • Set the following. • Complementary PWM mode (MTU2S) • Compare match/input capture operation (MTU2) • Bit WRE in TWCR (MTU2S) [2] Set bit SCC in TWCR (MTU2S) [4] [1] Clear bits CST of the timer start register (TSTR) in the MTU2S to 0, and halt count operation. Clear bits CST of TSTR in the MTU2 to 0, and halt count operation. [2] Set the complementary PWM mode in the MTU2S and compare match/input capture operation in the MTU2. When bit WRE in TWCR should be set, make appropriate setting here. [3] Set bits CST3 and CST4 of TSTR in the MTU2S to 1 to start count operation. For MTU2-MTU2S synchronous counter clearing, set bits CST of TSTR in the MTU2 to 1 to start count operation in any one of TCNT_0 to TCNT_2. [4] Read TWCR and then set bit SCC in TWCR to 1 to suppress MTU2-MTU2S synchronous counter clearing*. Here, do not modify the CCE and WRE bit values in TWCR of the MTU2S. MTU2-MTU2S synchronous counter clearing is suppressed in the intervals shown in figure 10.62. Note: * The SCC bit value can be modified during counter operation. However, if a synchronous clearing occurs when bit SCC is modified from 0 to 1, the synchronous clearing may not be suppressed. If a synchronous clearing occurs when bit SCC is modified from 1 to 0, the synchronous clearing may be suppressed. Figure 10.63 Example of Procedure for Suppressing MTU2–MTU2S Synchronous Counter Clearing • Examples of Suppression of MTU2–MTU2S Synchronous Counter Clearing Figures 10.64 to 10.67 show examples of operation in which the MTU2S operates in complementary PWM mode and MTU2–MTU2S synchronous counter clearing is suppressed by setting the SCC bit in TWCR in the MTU2S to 1. In the examples shown in figures 10.64 to 10.67, synchronous counter clearing occurs at timing (3), (6), (8), and (11) shown in figure 10.56, respectively. In these examples, the WRE bit in TWCR of the MTU2S is set to 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |