Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 531 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 527Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 528Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 529Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 530Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 531Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 532Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 533Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 534Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 507 of 1200
REJ09B0344-0200
(p)
Counter Clearing by TGRA_3 Compare Match
In complementary PWM mode, by setting the CCE bit in the timer waveform control register
(TWCR), it is possible to have TCNT_3, TCNT_4, and TCNTS cleared by TGRA_3 compare
match.
Figure 10.68 illustrates an operation example.
Notes: 1. Use this function only in complementary PWM mode 1 (transfer at crest)
2. Do not specify synchronous clearing by another channel (do not set the SYNC0 to
SYNC4 bits in the timer synchronous register (TSYR) to 1 or the CE0A, CE0B, CE0C,
CE0D, CE1A, CE1B, CE1C, and CE1D bits in the timer synchronous clear register
(TSYCR) to 1).
3. Do not set the PWM duty value to H'0000.
4. Do not set the PSYE bit in timer output control register 1 (TOCR1) to 1.
TGRA_3
TGRB_3
TCDR
TDDR
H'0000
Output waveform
Output waveform
Output waveform is active-high.
Counter cleared
by TGRA_3 compare match
Figure 10.68 Example of Counter Clearing Operation by TGRA_3 Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com