Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 530Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 531Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 532Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 533Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 534Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 535Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 536Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 537Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 510 of 1200
REJ09B0344-0200
TGCR
UF bit
VF bit
WF bit
TIOC3B pin
TIOC3D pin
TIOC4A pin
TIOC4C pin
TIOC4B pin
TIOC4D pin
6-phase output
When BDC = 1, N = 1, P = 1, FB = 1, output active level = high
Figure 10.72 Example of Output Phase Switching by Means of UF, VF, WF Bit Settings (2)
(r)
A/D Converter Start Request Setting
In complementary PWM mode, an A/D converter start request can be issued using a TGRA_3
compare-match, TCNT_4 underflow (trough), or compare-match on a channel other than channels
3 and 4.
When start requests using a TGRA_3 compare-match are specified, A/D conversion can be started
at the crest of the TCNT_3 count.
A/D converter start requests can be set by setting the TTGE bit to 1 in the timer interrupt enable
register (TIER). To issue an A/D converter start request at a TCNT_4 underflow (trough), set the
TTGE2 bit in TIER_4 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com