Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 554 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 554 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 550Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 551Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 552Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 553Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 554Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 555Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 556Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 557Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 558Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 530 of 1200
REJ09B0344-0200
(1)
Example of Dead Time Compensation Setting Procedure
Figure 10.90 shows an example of dead time compensation setting procedure by using three
counters in channel 5.
TCNT_5 input capture occurs
External pulse width
measurement
Complementary PWM mode
Interrupt processing
Start count operation in
channels 3 to 5
[3]
[4] *
[5]
[1]
[2]
[1] Place channels 3 and 4 in complementary PWM mode. For
details, refer to section 10.4.8, Complementary PWM Mode.
[2] Specify the external pulse width measurement function for
the target TIOR in channel 5. For details, refer to section
10.4.11, External Pulse Width Measurement.
[3] Set bits CST3 and CST4 in TSTR and bits CST5U, CST5V,
and CST5W in TSTR2 to 1 to start count operation.
[4] When the capture condition specified in TIOR is satisfied,
the TCNT_5 value is captured in TGR_5.
[5] For U-phase dead time compensation, when an interrupt is
generated at the crest (TGIA_3) or trough (TCIV_4) in
complementary PWM mode, read the TGRU_5 value,
calculate the difference in time in TGRB_3, and write the
corrected value to TGRD_3 in the interrupt processing.
For the V phase and W phase, read the TGRV_5 and
TGRW_5 values and write the corrected values to TGRC_4
and TGRD_4, respectively, in the same way as for U-phase
compensation.
The TCNT_5 value should be cleared through the
TCNTCMPCLR setting or by software.
Notes: The PFC settings must be completed in advance.
* As an interrupt flag is set under the capture condition
specified in TIOR, do not enable interrupt requests in
TIER_5.
Figure 10.90 Example of Dead Time Compensation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com