Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 546Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 547Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 548Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 549Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 550Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 551Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 552Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 553Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 526 of 1200
REJ09B0344-0200
(2)
MTU2S Counter Clearing Caused by MTU2 Flag Setting Source (MTU2–MTU2S
Synchronous Counter Clearing)
The MTU2S counters can be cleared by sources for setting the flags in TSR_0 to TSR_2 in the
MTU2 through the TSYCR_3 settings in the MTU2S.
(a)
Example of Procedure for Specifying MTU2S Counter Clearing by MTU2 Flag Setting
Source
Figure 10.85 shows an example of procedure for specifying MTU2S counter clearing by MTU2
flag setting source.
Stop count operation
MTU2S counter clearing by
MTU2S flag setting source
Set TSYCR_3
<Counter clearing by flag setting>
[1]
[2]
[3]
[1]
[4]
Start one of channels 0 to 2 in MTU2
Start channel 3 or 4 in MTU2S
[1] Use TSTR registers in the MTU2 and MTU2S and halt the
counters used for this function.
[2] Use TSYCR_3 in the MTU2S to specify the flag setting source
to be used for the TCNT_3 and TCNT_4 clearing source.
[3] Start TCNT_3 or TCNT_4 in the MTU2S.
[4] Start TCNT_0, TCNT_1, or TCNT_2 in the MTU2.
Note: The TSYCR_3 setting is ignored while the counter is
stopped. The setting becomes valid after TCNT_3 or
TCNT4 is started.
Figure 10.85 Example of Procedure for Specifying MTU2S Counter
Clearing by MTU2 Flag Setting Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com