Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 542Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 543Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 544Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 545Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 546Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 547Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 548Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 549Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 522 of 1200
REJ09B0344-0200
10.4.10
MTU2–MTU2S Synchronous Operation
(1)
MTU2–MTU2S Synchronous Counter Start
The counters in the MTU2 and MTU2S which operate at different clock systems can be started
synchronously by making the TCSYSTR settings in the MTU2.
(a)
Example of MTU2–MTU2S Synchronous Counter Start Setting Procedure
Figure 10.83 shows an example of synchronous counter start setting procedure.
Stop count operation
MTU2-MTU2S synchronous
counter start
Set the necessary operation
<Counter operation starts>
[1]
[2]
Set TCSYSTR
[3]
[1] Use TSTR registers in the MTU2 and MTU2S and halt the
counters used for synchronous start operation.
[2] Specify necessary operation with appropriate registers such as
TCR and TMDR.
[3] In TCSYSTR in the MTU2, set the bits corresponding to the
counters to be started synchronously to 1. The TSTRs are
automatically set appropriately and the counters start
synchronously.
Notes: 1. Even if a bit in TCSYSTR corresponding to an operating
counter is cleared to 0, the counter will not stop. To stop
the counter, clear the corresponding bit in TSTR to 0
directly.
2. To start channels 3 and 4 in reset-synchronized PWM
mode or complementary PWM mode, make appropriate
settings in TCYSTR according to the TSTR setting for
the respective mode. For details, refer to section 10.4.7,
Reset-Synchronized PWM Mode, and section 10.4.8,
Complementary PWM Mode.
Figure 10.83 Example of Synchronous Counter Start Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com