Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 538Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 539Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 540Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 541Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 542Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 543Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 544Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 545Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 518 of 1200
REJ09B0344-0200
10.4.9
A/D Converter Start Request Delaying Function
A/D converter start requests can be issued in channel 4 by making settings in the timer A/D
converter start request control register (TADCR), timer A/D converter start request cycle set
registers (TADCORA_4 and TADCORB_4), and timer A/D converter start request cycle set
buffer registers (TADCOBRA_4 and TADCOBRB_4).
The A/D converter start request delaying function compares TCNT_4 with TADCORA_4 or
TADCORB_4, and when their values match, the function issues a respective A/D converter start
request (TRG4AN or TRG4BN).
A/D converter start requests (TRG4AN and TRG4BN) can be skipped in coordination with
interrupt skipping by making settings in the ITA3AE, ITA4VE, ITB3AE, and ITB4VE bits in
TADCR.
• Example of Procedure for Specifying A/D Converter Start Request Delaying Function
Figure 10.79 shows an example of procedure for specifying the A/D converter start request
delaying function.
Set A/D converter start request cycle
A/D converter start request
delaying function
• Set the timing of transfer
from cycle set buffer register
• Set linkage with interrupt skipping
• Enable A/D converter start
request delaying function
A/D converter start request
delaying function
[1]
[2]
[1] Set the cycle in the timer A/D converter start request cycle
buffer register (TADCOBRA_4 or TADCOBRB_4) and timer
A/D converter start request cycle register (TADCORA_4 or
TADCORB_4). (The same initial value must be specified in
the cycle buffer register and cycle register.)
[2] Use bits BF1 and BF2 in the timer A/D converter start
request control register (TADCR) to specify the timing of
transfer from the timer A/D converter start request cycle
buffer register to A/D converter start request cycle register.
• Specify whether to link with interrupt skipping through bits
ITA3AE, ITA4VE, ITB3AE, and ITB4VE.
• Use bits TU4AE, DT4AE, UT4BE, and DT4BE to enable
A/D conversion start requests (TRG4AN or TRG4BN).
Notes: 1. Perform TADCR setting while TCNT_4 is stopped.
2. Do not set BF1 to 1 when complementary PWM mode
is not selected.
3. Do not set ITA3AE, ITA4VE, ITB3AE, ITB4VE,
DT4AE, or DT4BE to 1 when complementary PWM
mode is not selected.
Figure 10.79 Example of Procedure for Specifying A/D Converter
Start Request Delaying Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com