Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 535Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 536Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 537Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 538Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 539Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 540Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 541Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 542Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 515 of 1200
REJ09B0344-0200
Note:
Data1
Data2
Data
Data1
Data2
Data
01201
TCNT_3
TCNT_4
TCNT_3
TCNT_4
TITCR[6:4]
TITCNT[6:4]
Data1
Data2
Data
A TGIA_3 interrupt has occurred
A TGIA_3 interrupt has occurred
A TGIA_3 interrupt has occurred
A TGIA_3 interrupt has occurred
Buffer register modification timing
Buffer register modification timing
Buffer transfer-enabled period
Buffer transfer-enabled period
Buffer register
Temporary register
General register
Buffer register
Temporary register
General register
Buffer register modification timing
Data1
Data
Data1
Data
Data1
Data
0120
1
TITCR[6:4]
TITCNT[6:4]
2
2
MD[3:0] in TMDR_3 = 1101
Buffer transfer at the crest is selected.
The skipping count is set to two.
T3AEN and T4VEN are set to 1 and cleared to 0, respectively.
(1) When the buffer register is modified within one carrier cycle after a TGIA_3 interrupt has occurred
(2) When the buffer register is modified after one carrier cycle has been passed from a TGIA_3 interrupt occurrence
Figure 10.77 Example of Operation when Buffer Transfer is Linked with Interrupt
Skipping (BTE1 = 1 and BTE0 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com